Part Number Hot Search : 
MAX6192B HCT1G 74HCT EC100 EC100 FQA40N25 A7303 LTC34
Product Description
Full Text Search
 

To Download SMAJ40A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
SMAJ5.0 THRU SMAJ170CA
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE RANGE - 5.0 to 170 Volts PEAK PULSE POWER - 400 Watts
FEATURES
* Ideal for surface mounted applications * Glass passivated junction * 400 Watts Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Low zener impedance * Fast response time
SMA ( DO-214AC)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: Indicated by cathode band except Bidirectional types. * Mounting position: Any * Weight: 0.064 gram
.062(1.60) .055(1.40) .181(4.60) .157(4.00)
.114(2.90) .098(2.50)
.096(2.44) .078(2.00) .060(1.52) .030(.76)
.008(.203) .002(.051) .208(5.28) .188(4.80)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load, For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. SMAJ5.0C, SMAJ170CA) Electrical characteristics apply in both directions
SYMBOL Peak Pulse Power Dissipation on 10/1000 s waveform (Note1) Steady State Power Dissipation ( Note 2 ) Peak Forward Surge Current, 8.3mS single half sine-wave superimposed on rated load ( JEDEC Method ) ( Note 3 ) Operating and Storage Temperature Range
o
VALUE Minimum 400 1.0 40 -65 to + 175
UNITS Watts Watts Amps
0
P PPM PM(AV ) IFSM TJ, TSTG
C
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25 C per Fig.2. 2. Mounted on 0.2 X 0.2*(5.0 X 5.0mm) copper pad to each terminal. 3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
348
NEXT
BACK NEXT
EXIT BACK
RATING AND CHARACTERISTIC CURVES ( SMAJ5.0 THRU SMAJ170CA )
DC COMPONENTS CO., LTD.
R
349
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT
SMAJ (400W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
DC COMPONENTS CO., LTD.
R
350
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT
SMAJ (400W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S
N O T E S : 1.VBR measured after IT applied for 300s. IT = Square Wave Pulse or equivalent. 2.For bidirectonal use C or CA suffixs for all types (ex. SMAJ5.0C, SMAJ170CA). electrical characteristics apply in both directions. 3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled.
DC COMPONENTS CO., LTD.
R
351
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT


▲Up To Search▲   

 
Price & Availability of SMAJ40A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X